Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download BZX55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
0.5W SI O N PLA N A R ZEN ER D I D ES LIC O
D O -35
FEA TU RES
The zener vol are graded accordi to the i tage ng nternati E24 onal standard.O ther vol tage tol erance and hi zenervol gher tage on request
0.079(2.0) MAX DIA
1.083(27.5) MIN
0.150(3.8) MAX
M EC H A N I A L D A TA C
Case: D O -35 gl case ass Pol ty:C ol band denotes cathode end ari or W ei :Approx. 0.13 gram ght
0.020(0.52) MAX DIA 1.083(27.5) MIN
D i ensi i i m ons n nches and (m ilm eters) li
A BSO LU TE M A XIM U M RA TI G S(LIM I N G V A LU ES) (TA = 25 C ) N TI
Zener current see tabl "C haracteri cs" e sti P ow er di pati atT A =50 C ssi on Juncti tem perature on S torage tem perature range
P tot TJ TSTG
500 1) 175 -65 to+175
mW
C C
1) Vald provi thata di i ded stance of 8m m from case are kept at am bi tem perature ent
ELEC TRI A L C H A RA C TERISTI S (TA= 25 C ) C C
Therm alresi stance j i to am bi ai uncton ent r Forw ard vol at IF =100m A tage
R
JA
300 1) 1.0
K /W V
VF
1) Vald provi thata di i ded stance of 8m m from case are kept at am bi tem perature ent
Zener Voltage range 1)
VZNOM
V BZX 55/C 0 V 8 BZX 55/C 2 V 0 BZX 55/C 2 V 4 BZX 55/C 2 V 7 BZX 55/C 3 V 0 BZX 55/C 3 V 3 BZX 55/C 3 V 6 BZX 55/C 3 V 9 BZX 55/C 4 V 3 BZX 55/C 4 V 7 BZX 55/C 5 V 1 BZX 55/C 5 V 6 BZX 55/C 6 V 2 BZX 55/C 6 V 8 BZX 55/C 7 V 5 BZX 55/C 8 V 2 BZX 55/C 9 V 1 BZX 55/C 10 BZX 55/C 11 BZX 55/C 12 BZX 55/C 13 BZX 55/C 15 BZX 55/C 16 BZX 55/C 18 BZX 55/C 20 BZX 55/C 22 BZX 55/C 24 BZX 55/C 27
3)
IZT for VZT
mA
2)
IR and IR 2) at VR
V mA <8 <50 A -<100 <50 <10 <85 <600 <2 <4 <40 1 A -<200 <100 <50 V --
TK VZ %/K -0.26...-0.23 -0.09...-0.06
0.8 2.0 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 5
0.73...0.83 1.9...2.1 2.28...2.56 2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4.0...4.6 4.4...5.0 4.8...5.4 5.2...6.0 5.8...6.6 6.4...7.2 7.0...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9
-0.08...-0.05
<75 <60 <35 <25 <10 <8 <7 <7 <10 <15 <20 <20 <26 <30 <40 <50 <55 <55 <80 <80 <220 <70 <70 <90 <110 <110 <170 <170 <50 <550 <450 <200 <150 1
<1 <0.5
<20 <10
-0.06...-0.03 -0.05...+0.02 -0.02...+0.02 -0.05...+0.05 2 3 5 6.2 6.8 0.03...0.06 0.03...0.07 0.03...0.07 0.03...0.08 0.03...0.09 0.03...0.1
<0.1
<2
7.5 8.2 9.1 10 11 12 13 15 16 18 20
0.03...0.11
0.04...0.12
Zener Voltage range 1)
VZNOM
V BZX 55/C 30 BZX 55/C 33 BZX 55/C 36 BZX 55/C 39 BZX 55/C 43 BZX 55/C 47 BZX 55/C 51 BZX 55/C 56 BZX 55/C 62 BZX 55/C 68 BZX 55/C 75 BZX 55/C 82 BZX 55/C 91 BZX 55/C 100 BZX 55/C 110 BZX 55/C 120 BZX 55/C 130 BZX 55/C 150 BZX 55/C 160 BZX 55/C 180 BZX 55/C 200 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 1 2.5 5 mA
IZT for VZT
2)
IR and IR 2) at VR
V mA <80 <220 1 A A <2 V 22 24 27 <90 <90 <110 <125 <135 <150 <200 <250 <300 <450 <450 <600 <800 <950 <1250 <1400 <1700 <2000 <1500 <2000 <5000 <5000 <5500 <6000 <6500 <7000 <8500 <10000 0.1 0.25 <10 <1000 <0.1 <500 <500 <600 <700 <700 0.5 <5 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150
TK V2 %/K
28...32 31...35 34...38 37...41 40...46 44...50 48...54 52...60 58...66 64...72 70...79 77...87 85...96 94...106 104...116 114...127 124...141 138...156 153...171 168...191 188...212
0.04...0.12
0.05...0.12
1) Teated with pulses tp=20ms 2) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case 3) The BZX55-C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode lead to the negative pole.
BREAKDOWN CHARACTERISTICS AT TJ= CONSTANT (PULSED)
mA 50 C2V7 40 IZ 30 TJ=25 C 20 Test current IZ 10
5mA
BZX55... C3V9 C3V3 C4V7 C5V6 C6V8
C0V8
C8V2
0 0 1 2 3 4 5 VZ 6 7 8 9 10 V
BREAKDOWN CHARACTERISTICS AT TJ= CONSTANT (PULSED)
mA 30 TJ=25 C C10 C12 C15 IZ 20 C18 C22 C27 10 Test current IZ
5mA
BZX55...
C33
0 0 10 20 VZ 30 40 V


▲Up To Search▲   

 
Price & Availability of BZX55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X